|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AN44 - A high power LED driver for low voltage halogen replacement - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2ED020I12-F | Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules | 1 2 3 4 5 More | eupec GmbH |
| LM2901H | High Temperature Low Power Quad Voltage Comparators | 1 2 3 4 5 More | STMicroelectronics |
| NCP5181 | High Voltage High and Low Side Driver | 1 2 3 4 5 More | ON Semiconductor |
| VB927T | HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C. | 1 2 3 4 5 | STMicroelectronics |
| HV824 | High Voltage EL Lamp Driver | 1 2 3 | Supertex, Inc |
| NUP4202W1 | Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection | 1 2 3 4 5 More | ON Semiconductor |
| XC6215 | 0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch | 1 2 3 4 5 More | Torex Semiconductor |
| 74LCXZ16244 | Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
| TLRH4450 | Resistor LED for 5 V Supply Voltage | 1 2 3 4 5 More | Vishay Siliconix |
| AD9387NK | High Performance Low Power HDMIâ¢/DVI Transmitter | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|