|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NE72118-T2 - C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NE760 | LOW NOISE KU-K BAND GAAS MESFET | 1 2 3 4 5 More | NEC |
| 2SK2595 | Silicon N-Channel MOS FET UHF Power Amplifier | 1 2 3 4 5 More | Hitachi Semiconductor |
| MAX11014 | Automatic RF MESFET Amplifier Drain-Current Controllers | 1 2 3 4 5 More | Maxim Integrated Products |
| NBB-310 | CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz | 1 2 3 4 5 More | RF Micro Devices |
| 2SK2595 | Silicon N-Channel MOS FET UHF Power Amplifier | 1 2 3 4 5 More | Renesas Technology Corp |
| MGF0920A | L & S BAND GaAs FET [ SMD non - matched ] | 1 2 3 4 | Mitsubishi Electric Semiconductor |
| HMC585MS8G | HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| BGA622 | Silicon Germanium Wide Band Low Noise Amplifier | 1 2 3 4 5 More | Infineon Technologies AG |
| AP119-89 | GaAs IC DCS 1800/1900 Power Amplifier | 1 2 3 4 | Skyworks Solutions Inc. |
| NE13700 | LOW NOISE KU-BAND GAAS MESFET | 1 2 3 4 5 | NEC |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|