![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SA1807 - High-Voltage Switching Transistor (Telephone, Power Supply) (-600V, -1A) - Rohm |
|
Click Here View 2SA1807 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SPN100 | 100 WATT Universal Input Fully Enclosed Switching Power Supply | ETC |
| 2SC2335 | NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING | NEC |
| ZXTDCM832 | MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR | Zetex Semiconductors |
| HA16341NT | Redundant Secondary Switching Power Supply Controller | Hitachi Semiconductor |
| SX100U | 100 & 150 Watt 120 VAC Input Fully Enclosed Switching Power Supply | ETC |
| U2FWJ44M | SWITCHING MODE POWER SUPPLY APPLICATION PORTABLE EQUIPMENT BATTERY APPLICATION | Toshiba Semiconductor |
| NUS5530MN | Integrated Power MOSFET with PNP Low VCE sat Switching Transistor | ON Semiconductor |
| 2SD2402 | NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING | NEC |
| KRS10F | 10 WATT Universal Input PCB Mountable Switching Power Supply | ETC |
| SP15U | 15-WATT Universal Input Fully Enclosed Switching Power Supply | ETC |
Link URL |
|
|
Related keyword |
| 2SA1807 Datasheet | 2SA1807 Cross Reference | 2SA1807 Schematic | 2SA1807 Distributor | 2SA1807 Datenblatt | 2SA1807 RoHS |
| 2SA1807 Equivalent | 2SA1807 Application Notes | 2SA1807 Data Sheet | 2SA1807 component | 2SA1807 Fiche Technique | 2SA1807 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |