|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPB587G-E1 - 1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPB1509GV | NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER | 1 2 3 4 5 More | California Eastern Labs |
| LMX2486 | 1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL | 1 2 3 4 5 More | National Semiconductor |
| PMB2313T | Prescaler Circuit 1.1 GHz | 1 2 3 4 5 More | Siemens Semiconductor Group |
| UPB1508GV | 3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS | 1 2 3 4 5 More | NEC |
| UPB1508GV | 3.0 GHz DIVIDE BY 2 PRESCALER | 1 2 3 4 5 More | California Eastern Labs |
| NB6L14 | 2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer | 1 2 3 4 5 More | ON Semiconductor |
| AS127-59 | GaAs IC Transfer Switch DC-2 GHz | 1 2 | Skyworks Solutions Inc. |
| MC12026A | 1.1GHz Dual Modulus Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| NCP4896 | 1.0 Watt Audio Power Amplifier with Earpiece Driving Capability | 1 2 3 4 5 More | ON Semiconductor |
| NB6L14M | 2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|