|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PVA13 - Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| JW1ASN-DC5V | COMPACT PC BOARD POWER RELAY | 1 2 3 4 5 | Nais(Matsushita Electric Works) |
| AZ936 | 10 AMP LOW PROFILE POWER RELAY | 1 2 | List of Unclassifed Manufacturers |
| FTR-P3 | COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS | 1 2 3 4 5 More | Fujitsu Component Limited. |
| JM1AN | COMPACT POWER RELAY FOR INDUCTIVE LOAD | 1 2 3 4 | Nais(Matsushita Electric Works) |
| UC1861-1868 | Resonant-Mode Power Supply Controllers | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| IXTQ23N60Q | Power MOSFETs Q-Class | 1 2 3 4 | IXYS Corporation |
| TPA3107D2 | 15-W STEREO CLASS-D AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| MURD340 | SWITCHMODE Power Rectifier | 1 2 3 4 | ON Semiconductor |
| DAC122S085 | 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output | 1 2 3 4 5 More | National Semiconductor |
| NCP9004 | 2.65 W Filterless Class−D Audio Power Amplifier | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|