|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM285 - Micropower Voltage Reference Diodes - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AS1004 | Micropower Voltage Reference | 1 2 3 4 5 More | Astec America, Inc |
| ZR285-25 | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| ZR4040-25 | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| ADR1500 | 1.2875 V Micropower Shunt Voltage Reference | 1 2 3 4 5 More | Analog Devices |
| AMC431 | PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| REF19X | Precision Micropower Low Dropout Voltage References | 1 2 3 4 5 More | Analog Devices |
| LT1004-12 | MICROPOWER INTEGRATED VOLTAGE REFERENCES | 1 2 3 4 5 More | Texas Instruments |
| ADR121 | Precision Micropower LDO Voltage References in TSOT | 1 2 3 4 5 More | Analog Devices |
| SMS1546 | Surface Mount Mixer and Detector Schottky Diodes | 1 2 3 | Alpha Industries |
| NCV8512 | 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Monitor FLAG | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|