|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZXMN10A08G - 100V SOT223 N-channel enhancement mode MOSFET - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IXTQ50N20P | PolarHT Power MOSFET N-Channel Enhancement Mode | 1 2 3 4 5 | IXYS Corporation |
| PJP75N75 | 75V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| APM7312 | Dual N-Channel Enhancement Mode MOSFET | 1 2 3 4 5 More | Anpec Electronics Coropration |
| 2N6796 | 100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| PJD15N06L | 60V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJD09N03 | 25V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJD03N03 | 25V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJD06N03 | 25V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJP75N06 | 60V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| IRF630FI | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|