|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZN458A - 2.45V PRECISION REFERENCE REGULATOR - Zarlink Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZR285-25 | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| ZR4040-25 | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| AD8224 | Precision Dual-Channel JFET Input Rail-to-Rail Instrumentation Amplifier | 1 2 3 4 5 More | Analog Devices |
| LT1055 | Precision High Speed JFET Input Operational Amplifiers | 1 2 3 4 5 More | Linear Technology |
| AD2S1205 | 12-Bit R/D Converter with Reference Oscillator | 1 2 3 4 5 More | Analog Devices |
| IRPLCFL1 | POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST | 1 2 3 4 5 More | International Rectifier |
| NCP5500 | 500 mA Linear Regulator | 1 2 3 4 5 More | ON Semiconductor |
| LT1054L | Switched-Capacitor Voltage Converter with Regulator | 1 2 3 4 5 More | Linear Technology |
| RT9174 | Triple Linear Regulator Controllers | 1 2 3 4 5 More | Richtek Technology Corporation |
| MAX6602 | Five-Channel Precision Temperature Monitor | 1 2 3 4 5 More | Maxim Integrated Products |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|