|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LS5421 - 5 mm (T1 ¾) LED, Non Diffused Super-Bright LED - Infineon Technologies AG |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LB5433 | Hyper 5 mm T1 ¾ LED Non Diffused Hyper-Bright LED | 1 2 3 4 5 More | OSRAM GmbH |
| TLUR440 | Universal LED in 3 mm Tinted Diffused Package | 1 2 3 4 5 | Vishay Siliconix |
| STLD40D | White led power supply for large display backlight | 1 2 3 4 5 More | STMicroelectronics |
| AND190CRP | Ultra Bright LED Lamps GaAlAs Red Light Emission T-3 Package 10 mm | 1 2 | List of Unclassifed Manufacturers |
| KP-1608SYC | 1.6x0.8mm SMD CHIP LED LAMP | 1 2 3 4 | Kingbright Corporation |
| SEL1050M | 5phi Round Narrow-directivity LED Direct Mount | 1 | Sanken electric |
| SEL5023 | 5-mm Pitch Lead Bow-shaped LED Direct Mount | 1 | Sanken electric |
| SML70055 | Egg-shaped Bicolor LED Direct Mount | 1 | Sanken electric |
| MV5000MP1 | PCB MOUNT LED INDICATORS | 1 2 3 4 5 More | QT Optoelectronics |
| LEDRS25N | LED Highly-Diffused Light 25 mm | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|