![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
B772SS - MEDIUM POWER LOW VOLTAGE TRANSISTOR - Unisonic Technologies |
|
Click Here View B772SS Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ZX5T869Z | 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | Zetex Semiconductors |
| ZX5T953G | 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 | Zetex Semiconductors |
| ZX5T953Z | 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | Zetex Semiconductors |
| NCP1027 | High−Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power | ON Semiconductor |
| 2SC5754 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 | NEC |
| K6F1616U6A | 1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM | Samsung semiconductor |
| 2SC5752 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 60 mW 4-PIN SUPER MINIMOLD | NEC |
| AZ339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | ETC |
| ADR360 | Low Power Low Noise Voltage References with Sink/Source Capability | Analog Devices |
| NUS5530MN | Integrated Power MOSFET with PNP Low VCE sat Switching Transistor | ON Semiconductor |
Link URL |
|
|
Related keyword |
| B772SS Datasheet | B772SS Cross Reference | B772SS Schematic | B772SS Distributor | B772SS Datenblatt | B772SS RoHS |
| B772SS Equivalent | B772SS Application Notes | B772SS Data Sheet | B772SS component | B772SS Fiche Technique | B772SS Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |