![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2N6796 - 100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor - ETC |
|
Click Here View 2N6796 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| IRF630FI | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR | STMicroelectronics |
| IXTQ50N20P | PolarHT Power MOSFET N-Channel Enhancement Mode | IXYS Corporation |
| PJD15N06L | 60V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
| PJD09N03 | 25V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
| PJD03N03 | 25V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
| PJD06N03 | 25V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
| PJP75N06 | 60V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
| PJP75N75 | 75V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
| APM7312 | Dual N-Channel Enhancement Mode MOSFET | Anpec Electronics Coropration |
| P75N02LD | N-Channel Logic Level Enhancement Mode Field Effect Transistor | ETC |
Link URL |
|
|
Related keyword |
| 2N6796 Datasheet | 2N6796 Cross Reference | 2N6796 Schematic | 2N6796 Distributor | 2N6796 Datenblatt | 2N6796 RoHS |
| 2N6796 Equivalent | 2N6796 Application Notes | 2N6796 Data Sheet | 2N6796 component | 2N6796 Fiche Technique | 2N6796 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |