![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
80CNQ045A - SCHOTTKY RECTIFIER New GenIII D-61 Package - International Rectifier |
|
Click Here View 80CNQ045A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| PMEG3002TV | 0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package | NXP Semiconductors |
| STPS160H100TV | HIGH VOLTAGE POWER SCHOTTKY RECTIFIER | STMicroelectronics |
| 20L15TPBF | SCHOTTKY RECTIFIER | International Rectifier |
| NTLJF3117P | Power MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package | ON Semiconductor |
| NTLJF3118N | Power MOSFET and Schottky Diode 20 V 4.6 A uCool N-Channel with 2.0 A Schottky Barrier Diode 2x2 mm WDFN Package | ON Semiconductor |
| STPS80L15CY | LOW DROP OR-ing POWER SCHOTTKY RECTIFIER | STMicroelectronics |
| 10BQ040PBF | SCHOTTKY RECTIFIER | International Rectifier |
| V30120S | High-Voltage Trench MOS Barrier Schottky Rectifier | Vishay Siliconix |
| DGS20-022A | Gallium Arsenide Schottky Rectifier | IXYS Corporation |
| 16YQ100C | SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES | International Rectifier |
Link URL |
|
|
Related keyword |
| 80CNQ045A Datasheet | 80CNQ045A Cross Reference | 80CNQ045A Schematic | 80CNQ045A Distributor | 80CNQ045A Datenblatt | 80CNQ045A RoHS |
| 80CNQ045A Equivalent | 80CNQ045A Application Notes | 80CNQ045A Data Sheet | 80CNQ045A component | 80CNQ045A Fiche Technique | 80CNQ045A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |