![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2N5240 - HIGH-VOLTAGE, SILLCON N-P-N TRANSISTOR - ETC |
|
Click Here View 2N5240 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2SC2335 | NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING | NEC |
| 2SC5274 | High-Voltage Amplifier Transistor | Rohm |
| ISTS150 | TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS | ETC |
| NSS20200LT1G | 20 V 4.0 A Low VCE sat PNP Transistor | ON Semiconductor |
| KHB019N20P1 | N CHANNEL MOS FIELD EFFECT TRANSISTOR | KEC(Korea Electronics) |
| PBSS306PZ | 100 V 4.1 A PNP low VCEsat BISS transistor | NXP Semiconductors |
| BUX81 | HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR | Seme LAB |
| MMG3009NT1 | Heterojunction Bipolar Transistor InGaP HBT | Freescale Semiconductor, Inc |
| 2SD1700 | NPN SILICON TRANSISTOR | NEC |
| 2SD256 | NPN Transistor | ETC |
Link URL |
|
|
Related keyword |
| 2N5240 Datasheet | 2N5240 Cross Reference | 2N5240 Schematic | 2N5240 Distributor | 2N5240 Datenblatt | 2N5240 RoHS |
| 2N5240 Equivalent | 2N5240 Application Notes | 2N5240 Data Sheet | 2N5240 component | 2N5240 Fiche Technique | 2N5240 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |