|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMBT9013 - 1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BC139 | AUDIO OUTPUT AMPLIFIER | 1 2 3 | STMicroelectronics |
| ZXCD50STEVAL | 50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXCD100MOEVAL | 100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD | 1 2 3 4 5 More | Zetex Semiconductors |
| MNLM101A-X | OPERATION AMPLIFIER | 1 2 3 4 5 | National Semiconductor |
| ADA4841-1 | Low Power Low Noise and Distortion Rail-to-Rail Output Amplifier | 1 2 3 4 5 More | Analog Devices |
| MB88347 | R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS | 1 2 3 4 5 More | Fujitsu Component Limited. |
| BGY588C | 550 MHz 34.5 dB gain push-pull amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| 2SC1346 | Si NPN Epitaxial Planar AF Output Amplifier | 1 | List of Unclassifed Manufacturers |
| MHW9188AN | Gallium Arsenide CATV Amplifier Module | 1 2 3 4 | Freescale Semiconductor, Inc |
| ADN2880 | 3.2 Gbps 3.3 V Low Noise Transimpedance Amplifier | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 |
Link URL |
|
|