|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRG4CH40SB - IGBT Die in Wafer Form - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFC240 | HEXFET Power MOSFET Die in Wafer Form | 1 | International Rectifier |
| IRGB4065PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| NGB8204N | Ignition IGBT 18 Amps 400 Volts | 1 2 3 4 5 More | ON Semiconductor |
| IXGA16N60C2 | HiPerFASTTM IGBT C2-Class High Speed IGBT | 1 2 | IXYS Corporation |
| IXFK180N10 | Single MOSFET Die | 1 2 3 4 | IXYS Corporation |
| DIM200PHM33-F000 | Half Bridge IGBT Module | 1 2 3 4 5 More | Dynex Semiconductor |
| NGB8206N | Ignition IGBT 20 A 350 V N−Channel D2PAK | 1 2 3 4 5 More | ON Semiconductor |
| STGE200NB60S | N-CHANNEL 150A - 600V - ISOTOP PowerMESH⢠IGBT | 1 2 3 4 5 More | STMicroelectronics |
| IXFR34N80 | Single MOSFET Die Avalanche Rated | 1 2 | IXYS Corporation |
| DIM200PKM33-A000 | IGBT Chopper Module | 1 2 3 4 5 More | Dynex Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|