![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SK3513-01S - N-CHANNEL SILICON POWER MOSFET - Fuji Electric |
|
Click Here View 2SK3513-01S Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2SK296 | SILICON N-CHANNEL MOS FET HIGH SPEED POWER SWITCHING | Hitachi Semiconductor |
| NTLJF3118N | Power MOSFET and Schottky Diode 20 V 4.6 A uCool N-Channel with 2.0 A Schottky Barrier Diode 2x2 mm WDFN Package | ON Semiconductor |
| UPA1572H | FAST SWITCHING N-CHANNEL SILICON POWER MOS FET ARRAY | NEC |
| NTD4815NH | Power MOSFET 30 V 35 A Single N-Channel DPAK/IPAK | ON Semiconductor |
| 2SK1101-01MR | N-CHANNEL SILICON POWER MOS-FET | Fuji Electric |
| IXTQ50N20P | PolarHT Power MOSFET N-Channel Enhancement Mode | IXYS Corporation |
| SFR9220 | Advanced Power MOSFET | Fairchild Semiconductor |
| NTK3134N | Power MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 | ON Semiconductor |
| IRF3709ZPBF | HEXFET Power MOSFET | International Rectifier |
| IRLR120 | HEXFET Power MOSFET | International Rectifier |
Link URL |
|
|
Related keyword |
| 2SK3513-01S Datasheet | 2SK3513-01S Cross Reference | 2SK3513-01S Schematic | 2SK3513-01S Distributor | 2SK3513-01S Datenblatt | 2SK3513-01S RoHS |
| 2SK3513-01S Equivalent | 2SK3513-01S Application Notes | 2SK3513-01S Data Sheet | 2SK3513-01S component | 2SK3513-01S Fiche Technique | 2SK3513-01S Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |