|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SKB25 - Power Bridge Rectifiers - Semikron International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFK2DE50 | ISOLATED BASE POWER HEX-PAK ASSEMBLY - HALF BRIDGE CONFIGURATION | 1 2 3 4 5 More | International Rectifier |
| AD7796 | Low Power 16-/24-Bit Sigma-Delta ADC for Bridge Sensors | 1 2 3 4 5 More | Analog Devices |
| MURA205T3 | Surface Mount Ultrafast Power Rectifiers | 1 2 3 4 | ON Semiconductor |
| MURA230T3 | Surface Mount Ultrafast Power Rectifiers | 1 2 3 4 | ON Semiconductor |
| STA501 | 40V 3.5A DOUBLE POWER HALF BRIDGE | 1 2 3 4 5 More | STMicroelectronics |
| 3402B | 200 V - 1 000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| GWM70-01P2 | Three phase full bridge with Trench MOSFETs in DCB isolated high current package | 1 2 | IXYS Corporation |
| IRLZ4S | HEXFET POWER MOSFET | 1 2 3 4 5 More | International Rectifier |
| ZX5T869Z | 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | 1 2 3 4 5 More | Zetex Semiconductors |
| TAS5132 | STEREO DIGITAL AMPLIFIER POWER STAGE | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|