|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P1596 - 150KHZ, 1.5A PWM BUCK DC/DC CONVERTER - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP1511 | PWM Control 5A Step-Down Converter | 1 2 3 4 5 | Anachip Corp |
| AP1520 | PWM Control 2A Step-Down Converter | 1 2 3 4 5 More | Anachip Corp |
| LS2801R5S | HIGH RELIABILITY DC/DC CONVERTER | 1 2 3 4 5 More | International Rectifier |
| NCP5210 | 3-in-1 PWM Dual Buck and Linear DDR Power Controller | 1 2 3 4 5 More | ON Semiconductor |
| ART28XXT | 28V Input Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER | 1 2 3 4 5 More | International Rectifier |
| NCP5220 | 3−in−1 PWM Dual Buck and Linear Power Controller | 1 2 3 4 5 More | ON Semiconductor |
| ADUM5240 | Dual-Channel Isolators with Integrated DC/DC Converter 50 mW | 1 2 3 4 5 More | Analog Devices |
| PTB48500 | Dual-Output 48-V Input Isolated DC/DC Converter for xDSL | 1 2 3 4 5 More | Texas Instruments |
| NCP1595 | Current Mode PWM Converter for Low Voltage Outputs | 1 2 3 4 5 More | ON Semiconductor |
| U6229B | DC/DC Converter - Power Supply 28 V | 1 2 3 4 5 More | TEMIC Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|