|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC-7894 - 1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER - California Eastern Labs |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MHW9188AN | Gallium Arsenide CATV Amplifier Module | 1 2 3 4 | Freescale Semiconductor, Inc |
| MB3730A | 14W BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Fujitsu Component Limited. |
| MC13142 | LOW POWER DC - 1.8 GHz LNA MIXER and VCO | 1 2 3 4 5 More | Motorola, Inc |
| P1935 | Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz | 1 2 3 4 5 | PREMIER DEVICES, INC. |
| AP119-89 | GaAs IC DCS 1800/1900 Power Amplifier | 1 2 3 4 | Skyworks Solutions Inc. |
| TMD1013-1 | MICROWAVE POWER MMIC AMPLIFIER | 1 2 3 | Toshiba Semiconductor |
| FS8170 | 2.5 GHz Low Power Phase-locked Loop IC | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| FAN4113 | 1.2V 36MHz Low Power Rail-to-Rail Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| 2SJ114 | HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER | 1 2 3 | Hitachi Semiconductor |
| ABA-54563 | 3.4 GHz Broadband Silicon RFIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|