|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TAS5261DKDR - 315-W Mono BTL Digital Amplifier Power Stage - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TAS5132 | STEREO DIGITAL AMPLIFIER POWER STAGE | 1 2 3 4 5 More | Texas Instruments |
| CS4412 | 30 W Quad Half-Bridge Digital Amplifier Power Stage | 1 2 3 4 5 More | Cirrus Logic |
| CS44130 | 60 W Quad Half-Bridge Digital Amplifier Power Stage | 1 2 3 4 5 More | Cirrus Logic |
| MB3730A | 14W BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Fujitsu Component Limited. |
| CRD4412 | 2 x 15 W Digital Power Stage Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| MT3S40T | VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION | 1 2 3 4 | Toshiba Semiconductor |
| MC74HC4316A | Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies | 1 2 3 4 5 More | ON Semiconductor |
| P1935 | Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz | 1 2 3 4 5 | PREMIER DEVICES, INC. |
| AP119-89 | GaAs IC DCS 1800/1900 Power Amplifier | 1 2 3 4 | Skyworks Solutions Inc. |
| TMD1013-1 | MICROWAVE POWER MMIC AMPLIFIER | 1 2 3 | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|