Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM8400 Datasheet (PDF) - List of Unclassifed Manufacturers

EM8400 Datasheet PDF - List of Unclassifed Manufacturers
Part # EM8400
Download  EM8400 Download

File Size   99.88 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MPEG-2 Decoder for Set-top, DVD and Streaming Applications

EM8400 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM8400 Datasheet PDF - List of Unclassifed Manufacturers

Part # EM8400
Download  EM8400 Click to download

File Size   99.88 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MPEG-2 Decoder for Set-top, DVD and Streaming Applications

EM8400 Datasheet (HTML) - List of Unclassifed Manufacturers

EM8400 Datasheet HTML 1Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 2Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 3Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 8Page - List of Unclassifed Manufacturers

EM8400 Product details

[Sigma Designs, Inc.]

Description
The EM8400 is a single-chip MPEG audio/video decoder that supports DVD-Video, SVCD, VCD 1.x, VCD 2.0, CD-DA and CD-ROM media formats, with MPEG-1 and MPEG-2 MP@ML video decoding. Audio decoding support includes Dolby® Digital, MPEG-1 Layers 1 and 2 and 16-bit linear PCM. DVD-Video support includes hardware CSS decryption, 16:9 and 4:3 aspect ratios, letterboxing, 3:2 pull-down, multiple angles and sub-picture.

Features
• Supports DVD-Video, SVCD, VCD 1.x, VCD 2.0, CD-DA, CD-ROM media formats
• MPEG-1, MPEG-2 MP@ML video decoding
• Dolby Digital, MPEG-1 Layers 1 and 2 and linear PCM audio decoding
• 2-, 4-, 7- or 8-bit OSD with optional run-length compression and 16-level alpha blending
• Programmable display output with scaling up to 1920x1080 resolution, interlaced or progressive, up to 120 Hz refresh
• 80 MHz digital video output interface: 8- or 16- bit CCIR 601 / 656 YCbCr
• NTSC/PAL composite and s-video outputs with optional Macrovision v7.1 protection (10-bit DACs)
• Digital audio output interface: I2S for PCM or S/PDIF (IEC 60958) for PCM, compressed Dolby Digital and compressed DTS
• PCI v2.1 bus master / slave interface supports read operations
• 2.5V core with 3.3V I/O (5V tolerant) for low power operation
• Package: 208 PQFP

Applications
• Consumer products needing playback of video-on-demand (VOD), streaming video, progressive DVD
• Set-top boxes, media/home gateways, video end points, convergence appliances




Similar Part No. - EM8400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM84 ETC2-EM84 Datasheet
60Kb / 3P
   TUNING INDICATOR
logo
ELAN Microelectronics C...
EM84100 EMC-EM84100 Datasheet
157Kb / 6P
   CORDLESS MOUSE ENCODER
EM84100B EMC-EM84100B Datasheet
157Kb / 6P
   CORDLESS MOUSE ENCODER
EM84100E EMC-EM84100E Datasheet
153Kb / 7P
   CORDLESS MOUSE ENCODER
EM84100EB EMC-EM84100EB Datasheet
153Kb / 7P
   CORDLESS MOUSE ENCODER
More results


Similar Description - EM8400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM8470 ETC-EM8470 Datasheet
150Kb / 12P
   MPEG - 4 DECODER FOR SET-TOP DVD AND STREAMING APPLICATIONS
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
STMicroelectronics
STB7100 STMICROELECTRONICS-STB7100 Datasheet
136Kb / 2P
   Low-cost set-top box decoder chip for MPEG-4 AVC and HD MPEG-2
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
   Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
   Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
   HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
   Advanced SD decoder for set-top box applications
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
   Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI5211 STMICROELECTRONICS-STI5211 Datasheet
108Kb / 4P
   Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI5500 STMICROELECTRONICS-STI5500 Datasheet
317Kb / 11P
   SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com