|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFG5210 - 200V, Combination 2N-2P-CHANNEL HEXFET MOSFET TECHNOLOGY - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFZ34VPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRLZ4S | HEXFET POWER MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRFC240 | HEXFET Power MOSFET Die in Wafer Form | 1 | International Rectifier |
| IRF3704ZCSPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRFB4321PBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRFP150VPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRL1004SPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF730ASPBF | HEXFET Power MOSFET SMPS MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF7832ZPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRL2505SPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|