|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IXTY02N50D - High Voltage MOSFET N-Channel, Depletion Mode - IXYS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IXTU01N100D | N-Channel Depletion Mode High Voltage MOSFET | 1 2 | IXYS Corporation |
| PJP75N75 | 75V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJP75N06 | 60V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJD15N06L | 60V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJD09N03 | 25V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJD03N03 | 25V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| PJD06N03 | 25V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| MMT08B260T3 | Thyristor Surge Protectors High Voltage Bidirectional TSPD | 1 2 3 4 5 | ON Semiconductor |
| IS211 | Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities | 1 2 3 | ISOCOM COMPONENTS |
| MMT08B350T3 | Thyristor Surge Protectors High Voltage Bidirectional TSPD | 1 2 3 4 5 | ON Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|