![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SC5274 - High-Voltage Amplifier Transistor - Rohm |
|
Click Here View 2SC5274 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TC915 | HIGH-VOLTAGE AUTO-ZEROED OPERATIONAL AMPLIFIER | Teledyne Technologies Incorporated |
| 2SC2335 | NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING | NEC |
| 2SA2029M3 | PNP Silicon General Purpose Amplifier Transistor | ON Semiconductor |
| 2SC5658M3T5G | NPN Silicon General Purpose Amplifier Transistor | Vaishali Semiconductor |
| ONET3301PA | 155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER | Texas Instruments |
| TPA6130A2 | 138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL | Texas Instruments |
| NCP9004 | 2.65 W Filterless Class−D Audio Power Amplifier | ON Semiconductor |
| S-AU83L | FM RF POWER AMPLIFIER MODULE for UHF BAND | Toshiba Semiconductor |
| CS44130 | 60 W Quad Half-Bridge Digital Amplifier Power Stage | Cirrus Logic |
| PBSS4220V | 20 V 2 A NPN low VCEsat BISS transistor | NXP Semiconductors |
Link URL |
|
|
Related keyword |
| 2SC5274 Datasheet | 2SC5274 Cross Reference | 2SC5274 Schematic | 2SC5274 Distributor | 2SC5274 Datenblatt | 2SC5274 RoHS |
| 2SC5274 Equivalent | 2SC5274 Application Notes | 2SC5274 Data Sheet | 2SC5274 component | 2SC5274 Fiche Technique | 2SC5274 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |