|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LMS202E - 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DS14C239 | Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver | 1 2 3 4 5 More | National Semiconductor |
| NLAS9431 | Low Voltage Single Supply Dual DPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| NLAST9431 | Low Voltage Single Supply Dual DPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| NTJS3151P | Trench Power MOSFET 12 V 3.3 A Single P−Channel ESD Protected SC−88 | 1 2 3 4 5 More | ON Semiconductor |
| NTK3134N | Power MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 | 1 2 3 4 5 | ON Semiconductor |
| NTK3139P | Power MOSFET −20 V −780 mA Single P−Channel with ESD Protection SOT−723 | 1 2 3 4 5 | ON Semiconductor |
| IXFR34N80 | Single MOSFET Die Avalanche Rated | 1 2 | IXYS Corporation |
| NCN4557 | 1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter | 1 2 3 4 5 More | ON Semiconductor |
| ADA4004-1 | 1.8 nV/Hz 36 V Precision Single and Dual Amplifier | 1 2 3 4 | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|