|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPC1238V - 10W AF POWER AMPLIFIER - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NCP9004 | 2.65 W Filterless Class−D Audio Power Amplifier | 1 2 3 4 5 More | ON Semiconductor |
| S-AU83L | FM RF POWER AMPLIFIER MODULE for UHF BAND | 1 2 3 4 | Toshiba Semiconductor |
| LM2902W | LOW POWER QUAD OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
| P1935 | Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz | 1 2 3 4 5 | PREMIER DEVICES, INC. |
| AP119-89 | GaAs IC DCS 1800/1900 Power Amplifier | 1 2 3 4 | Skyworks Solutions Inc. |
| FAN4113 | 1.2V 36MHz Low Power Rail-to-Rail Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| LX5530 | InGaP HBT 4.5 - 6.0GHz Power Amplifier | 1 2 | Microsemi Corporation |
| NCP2892 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| NCP2990 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| NCP4894 | 1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|