|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MA4AGSW3 - AlGaAs SP3T PIN Diode Switch - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA4AGSW1A | AlGaAs SPST Non-Reflective PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| MA4AGBLP912 | AlGaAs Beam Lead PIN Diode | 1 2 3 4 5 | Tyco Electronics |
| NJL6201R-1 | HIGH SPEED PIN PHOTO DIODE | 1 2 3 4 5 More | New Japan Radio |
| NTTD4401F | FETKY Power MOSFET and Schottky Diode | 1 2 3 4 5 More | ON Semiconductor |
| NTLJF3117P | Power MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package | 1 2 3 4 5 More | ON Semiconductor |
| MS906C3 | Low loss fast recovery diode | 1 2 3 | Fuji Electric |
| PI5C32861 | 10-Bit 2-Port Bus Switch with 25ohm Series Resistor | 1 2 3 | Pericom Semiconductor Corporation |
| DIM600NSM45-F000 | Single Switch IGBT Module | 1 2 3 4 5 More | Dynex Semiconductor |
| AD8117 | Video Crosspoint Switch Video Crosspoint Switch | 1 2 3 4 5 More | Analog Devices |
| OA47 | GOLD BONDED GERMANIUM DIODE | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|