|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CRD44130-FB - 20 W x 2 40 W x 1 PWM Amplifier Reference Design - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CRD4525 | 2 x 15 W Digital Amplifier Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| BCM97318AVC | IP SET-TOP BOX REFERENCE DESIGN | 1 2 | Broadcom Corporation. |
| CRD4202-1 | AC 97 Six Channel CNR Audio Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD4202-2 | AC 97 Six Channel CNR Audio Reference Design with PLL | 1 2 3 4 5 More | Cirrus Logic |
| CRD4299-1 | AC 97 AMR Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD4412 | 2 x 15 W Digital Power Stage Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD5376 | Multichannel Seismic Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD5381 | Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD42528 | Reference Design for the | 1 2 3 4 5 More | Cirrus Logic |
| AD8500 | Micropower Precision CMOS Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 |
Link URL |
|
|