|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CRD4525 - 2 x 15 W Digital Amplifier Reference Design - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CRD4412 | 2 x 15 W Digital Power Stage Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| BCM97318AVC | IP SET-TOP BOX REFERENCE DESIGN | 1 2 | Broadcom Corporation. |
| CRD4202-1 | AC 97 Six Channel CNR Audio Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD4202-2 | AC 97 Six Channel CNR Audio Reference Design with PLL | 1 2 3 4 5 More | Cirrus Logic |
| CRD4299-1 | AC 97 AMR Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| ZXCW8100S28 | 32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER | 1 2 3 4 5 More | Zetex Semiconductors |
| TAS5132 | STEREO DIGITAL AMPLIFIER POWER STAGE | 1 2 3 4 5 More | Texas Instruments |
| ONET3301PA | 155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| TPA6130A2 | 138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL | 1 2 3 4 5 More | Texas Instruments |
| NCP9004 | 2.65 W Filterless Class−D Audio Power Amplifier | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 |
Link URL |
|
|