Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      XC6210(289)    XC6211(130)    XC6212(179)    XC6213(84)    XC6214(454)    XC6215(83)    XC6216(573)    XC6217(621)    XC6218(139)    XC6219(555)

Featured Products and Offers


Datasheet

    XC6215 - 0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch - Torex Semiconductor

Page

 
Part No. XC6215
Description  0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
Download  XC6215 Click to view
File Size   624.85 Kbytes / 31 Pages
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCV514111.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
ADR360Low Power Low Noise Voltage References with Sink/Source Capability 1 2 3 4 5 MoreAnalog Devices
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
NTLJD2105LPOWER MOSFET 8 V 4.3 A uCool High Side Load Switch with Level Shift 2x2 mm WDFN Package 1 2 3 4 5 MoreON Semiconductor
CS84813.3 V/250 mA 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE 1 2 3 4 5 MoreON Semiconductor
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NLAST9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NUS5530MNIntegrated Power MOSFET with PNP Low VCE sat Switching Transistor 1 2 3 4 5 MoreON Semiconductor
LM2901HHigh Temperature Low Power Quad Voltage Comparators 1 2 3 4 5 MoreSTMicroelectronics

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Link URL

Related keyword

  XC6215 Datasheet   XC6215 Cross Reference   XC6215 Schematic   XC6215 Distributor   XC6215 Datenblatt   XC6215 RoHS
  XC6215 Equivalent   XC6215 Application Notes   XC6215 Data Sheet   XC6215 component   XC6215 Fiche Technique   XC6215 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl