|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NBB-310 - CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz - RF Micro Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC585MS8G | HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| ABA-54563 | 3.4 GHz Broadband Silicon RFIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| ONET3301PA | 155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| TPA6130A2 | 138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL | 1 2 3 4 5 More | Texas Instruments |
| NCP9004 | 2.65 W Filterless Class−D Audio Power Amplifier | 1 2 3 4 5 More | ON Semiconductor |
| S-AU83L | FM RF POWER AMPLIFIER MODULE for UHF BAND | 1 2 3 4 | Toshiba Semiconductor |
| AD8500 | Micropower Precision CMOS Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| ADD8706 | 16 V 5 + 1-Channel Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| TC915 | HIGH-VOLTAGE AUTO-ZEROED OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | Teledyne Technologies Incorporated |
| CRD4525 | 2 x 15 W Digital Amplifier Reference Design | 1 2 3 4 5 More | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|