|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
85EPS - INPUT RECTIFIER DIODE - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DSM1D | GENERAL-USE RECTIFIER DIODE | 1 2 3 | Hitachi Semiconductor |
| GSOT03-HT3 | ESD Protection Diode | 1 2 3 4 5 | Vishay Siliconix |
| NSR0130P2T5G | Schottky Barrier Diode | 1 2 3 | ON Semiconductor |
| NB4N441 | 3.3V Serial Input MultiProtocol PLL Clock Synthesizer Differential LVPECL Output | 1 2 3 4 5 More | ON Semiconductor |
| ISP624-1X | LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS | 1 2 3 | ISOCOM COMPONENTS |
| ADA4000-1 | Low Cost Precision JFET Input Operational Amplifier in TSOT | 1 2 3 4 5 More | Analog Devices |
| MURD340 | SWITCHMODE Power Rectifier | 1 2 3 4 | ON Semiconductor |
| NTTD4401F | FETKY Power MOSFET and Schottky Diode | 1 2 3 4 5 More | ON Semiconductor |
| NTLJF3117P | Power MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package | 1 2 3 4 5 More | ON Semiconductor |
| NB4N527S | 3.3V 2.5Gb/s Dual AnyLevel⢠to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|