|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD9515 - 1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD9514 | 1.6 GHz Clock Distribution IC Dividers Delay Adjust Three Outputs | 1 2 3 4 5 More | Analog Devices |
| AD9510 | 1.2 GHz Clock Distribution IC PLL Core Dividers Delay Adjust Eight Outputs | 1 2 3 4 5 More | Analog Devices |
| AD9513 | 800 MHz Clock Distribution IC Dividers Delay Adjust Three Outputs | 1 2 3 4 5 More | Analog Devices |
| NB2305A | 3.3 V Zero Delay Clock Buffer | 1 2 3 4 5 More | ON Semiconductor |
| NB2308A | 3.3 V Zero Delay Clock Buffer | 1 2 3 4 5 More | ON Semiconductor |
| PCK940L | Low voltage 1 : 18 clock distribution chip | 1 2 3 4 5 More | NXP Semiconductors |
| NB2304A | 3.3 V Zero Delay Clock Buffer | 1 2 3 4 5 More | ON Semiconductor |
| ADN2804 | 622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier | 1 2 3 4 5 More | Analog Devices |
| PCK9448 | 3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer | 1 2 3 4 5 More | NXP Semiconductors |
| ABA-54563 | 3.4 GHz Broadband Silicon RFIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 |
Link URL |
|
|