|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD7766BRUZ - 24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC74HC4316A | Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies | 1 2 3 4 5 More | ON Semiconductor |
| DAC122S085 | 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output | 1 2 3 4 5 More | National Semiconductor |
| IRFB4019PBF | DIGITAL AUDIO MOSFET | 1 2 3 4 5 More | International Rectifier |
| ADUM1210 | Dual-Channel Digital Isolator | 1 2 3 4 5 More | Analog Devices |
| MOC8111X | NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT | 1 2 3 | ISOCOM COMPONENTS |
| ADAU1328 | 2 ADC/8 DAC with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| MUBW30-06A7 | Converter - Brake - Inverter Module CBI2 | 1 2 3 4 5 More | IXYS Corporation |
| AD2S1205 | 12-Bit R/D Converter with Reference Oscillator | 1 2 3 4 5 More | Analog Devices |
| PYD1998 | Digital Dual Element Pyrodetector | 1 2 | PerkinElmer Optoelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 |
Link URL |
|
|