|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PBSS3515E - 15 V, 0.5 A PNP low VCEsat (BISS) transistor - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PBSS305PZ | 80 V 4.5 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS306PZ | 100 V 4.1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| NSS12100XV6T1G | 12 V 1 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| NUS5530MN | Integrated Power MOSFET with PNP Low VCE sat Switching Transistor | 1 2 3 4 5 More | ON Semiconductor |
| NSS12200LT1G | 12 V 4.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| NSS12500UW3T2G | 12 V 8.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| NSS12600CF8T1G | 12 V 6.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| NSS20200LT1G | 20 V 4.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| PBSS4220V | 20 V 2 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| NSS20500UW3T2G | 20 V 7.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|