|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NTLJD3119C - Power MOSFET 20 V/−20 V, 4.6 A/−4.1 A, uCool Complementary, 2x2 mm, WDFN Package - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTLJD2105L | POWER MOSFET 8 V 4.3 A uCool High Side Load Switch with Level Shift 2x2 mm WDFN Package | 1 2 3 4 5 More | ON Semiconductor |
| NTLGD3502N | Power MOSFET 20 V 5.8 A/4.6 A Dual N−Channel DFN6 3x3 mm Package | 1 2 3 4 5 More | ON Semiconductor |
| NTD4813NH | Power MOSFET 30 V 40 A Single N−Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
| IRL1004SPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| NTD4815NH | Power MOSFET 30 V 35 A Single N-Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
| NTGS4111P | Power MOSFET -30 V -4.7 A Single P-Channel TSOP-6 | 1 2 3 4 5 | ON Semiconductor |
| NTGD3133P | Power MOSFET −20 V −2.5 A P−Channel TSOP−6 Dual | 1 2 3 4 5 | ON Semiconductor |
| MJL0281A | Complementary NPN-PNP Power Bipolar Transistors | 1 2 3 4 5 | ON Semiconductor |
| SFR9220 | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| NTK3134N | Power MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 | 1 2 3 4 5 | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|