|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IS216 - Small Outline Photo DMOS-FET Relay with high load current capabilities ( 1.7A ) - ISOCOM COMPONENTS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IS215 | Small Outline Photo DMOS-FET Relay with high load current capabilities | 1 2 3 | ISOCOM COMPONENTS |
| IS210 | Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities | 1 2 3 | ISOCOM COMPONENTS |
| IS211 | Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities | 1 2 3 | ISOCOM COMPONENTS |
| IS214 | Small Outline Photo DMOS-FET Relay | 1 2 3 | ISOCOM COMPONENTS |
| LT314 | Photo DMOS-FET Relay | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| LMH6321 | 300 mA High Speed Buffer with Adjustable Current Limit | 1 2 3 4 5 More | National Semiconductor |
| NCS2501 | 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature | 1 2 3 4 5 More | ON Semiconductor |
| AP3842 | High Performance Current Mode PWM Controller | 1 2 3 4 5 More | Anachip Corp |
| NCS2502 | 650 uA 110 MHz Current Feedback Op Amp with Enable Feature | 1 2 3 4 5 More | ON Semiconductor |
| MC100EP16VB | 3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|