|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADL5323-EVAL - 1700 MHz to 2400 MHz GaAs Matched RF PA Predriver - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC585MS8G | HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| NE13700 | LOW NOISE KU-BAND GAAS MESFET | 1 2 3 4 5 | NEC |
| EFA720A | Low Distortion GaAs Power FET | 1 2 | List of Unclassifed Manufacturers |
| DMMT5401 | MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR | 1 2 3 | Diodes Incorporated |
| ADL5370 | 300 MHz to 1000 MHz Quadrature Modulator | 1 2 3 4 5 More | Analog Devices |
| PE42612 | SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz | 1 2 3 4 | Peregrine Semiconductor Corp. |
| HMC581LP6 | HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| P1935 | Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz | 1 2 3 4 5 | PREMIER DEVICES, INC. |
| IS41LV32256 | 256K x 32 8-Mbit EDO DYNAMIC RAM 3.3V 100/83/66 MHz | 1 2 3 4 5 More | Integrated Silicon Solution, Inc |
| NCS2540 | Triple 750 MHz Voltage Feedback Op Amp with Enable Feature | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|