|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1SS400T1 - High−Speed Switching Diode - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SI7842DP | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 | Vishay Siliconix |
| STTH806DTI | Tandem 600V HYPERFAST BOOST DIODE | 1 2 3 4 5 | STMicroelectronics |
| ADN2871 | 3.3 V 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver | 1 2 3 4 5 More | Analog Devices |
| DSEP2X91-06A | HiPerFRED Epitaxial Diode with soft recovery | 1 2 | IXYS Corporation |
| HFA25TB60S | Ultrafast Soft Recovery Diode | 1 2 3 4 5 More | International Rectifier |
| OP268FPS | Plastic Point Source In fra red Emitting Diode | 1 2 | OPTEK Technologies |
| HFA320NJ40D | Ultrafast Soft Recovery Diode | 1 2 3 4 5 | International Rectifier |
| GSOT03-HT3 | ESD Protection Diode | 1 2 3 4 5 | Vishay Siliconix |
| NTTD4401F | FETKY Power MOSFET and Schottky Diode | 1 2 3 4 5 More | ON Semiconductor |
| OA47 | GOLD BONDED GERMANIUM DIODE | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 |
Link URL |
|
|