|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
OA1180 - GOLD BONDED, GERMANIUM DIODE - ETC |
|
Click OA1180 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SI7842DP | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | Vishay Siliconix |
| STTH806DTI | Tandem 600V HYPERFAST BOOST DIODE | STMicroelectronics |
| ADN2871 | 3.3 V 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver | Analog Devices |
| DSEP2X91-06A | HiPerFRED Epitaxial Diode with soft recovery | IXYS Corporation |
| HFA25TB60S | Ultrafast Soft Recovery Diode | International Rectifier |
| OP268FPS | Plastic Point Source In fra red Emitting Diode | OPTEK Technologies |
| HFA320NJ40D | Ultrafast Soft Recovery Diode | International Rectifier |
| GSOT03-HT3 | ESD Protection Diode | Vishay Siliconix |
| NTTD4401F | FETKY Power MOSFET and Schottky Diode | ON Semiconductor |
Link URL |
|
|
Related keyword |
| OA1180 Datasheet | OA1180 Cross Reference | OA1180 Schematic | OA1180 Distributor | OA1180 Datenblatt | OA1180 RoHS |
| OA1180 Equivalent | OA1180 Application Notes | OA1180 Data Sheet | OA1180 component | OA1180 Fiche Technique | OA1180 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |