![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
OA1161 - GOLD BONDED, GERMANIUM DIODE - ETC |
|
Click Here View OA1161 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SI7842DP | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | Vishay Siliconix |
| STTH806DTI | Tandem 600V HYPERFAST BOOST DIODE | STMicroelectronics |
| ADN2871 | 3.3 V 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver | Analog Devices |
| DSEP2X91-06A | HiPerFRED Epitaxial Diode with soft recovery | IXYS Corporation |
| HFA25TB60S | Ultrafast Soft Recovery Diode | International Rectifier |
| OP268FPS | Plastic Point Source In fra red Emitting Diode | OPTEK Technologies |
| HFA320NJ40D | Ultrafast Soft Recovery Diode | International Rectifier |
| GSOT03-HT3 | ESD Protection Diode | Vishay Siliconix |
| NTTD4401F | FETKY Power MOSFET and Schottky Diode | ON Semiconductor |
Link URL |
|
|
Related keyword |
| OA1161 Datasheet | OA1161 Cross Reference | OA1161 Schematic | OA1161 Distributor | OA1161 Datenblatt | OA1161 RoHS |
| OA1161 Equivalent | OA1161 Application Notes | OA1161 Data Sheet | OA1161 component | OA1161 Fiche Technique | OA1161 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |