|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZX5T869Z - 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXTDCM832 | MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR | 1 2 3 4 5 More | Zetex Semiconductors |
| WS628128 | VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT | 1 2 3 4 5 More | Wing Shing Computer Components |
| FAN4113 | 1.2V 36MHz Low Power Rail-to-Rail Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| PI1748DG-41H | HIGH POWER DROP-IN ISOLATOR | 1 | PREMIER DEVICES, INC. |
| FTR-P3 | COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS | 1 2 3 4 5 More | Fujitsu Component Limited. |
| PI1843DG-22H | HIGH POWER DROP-IN ISOLATOR | 1 | PREMIER DEVICES, INC. |
| IRFP150VPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| TPS3808G125 | Low Quiescent Current Programmable-Delay Supervisory Circuit | 1 2 3 4 5 More | Texas Instruments |
| PI1843DG-41H | HIGH POWER DROP-IN ISOLATOR | 1 | PREMIER DEVICES, INC. |
| NTTD4401F | FETKY Power MOSFET and Schottky Diode | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|