|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OMR9807SC - 200 Krad(Si) Ultra Low Dropout Linear Regulator Hermetic Package - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXTDCM832 | MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR | 1 2 3 4 5 More | Zetex Semiconductors |
| 21-0110 | PACKAGE OUTLINE 32L TQFP 5x5x1.0mm | 1 2 | Dallas Semiconductor |
| XEV90 | 56 KBPS DAA in a PLCC Package | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| ADT6501 | Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 | 1 2 3 4 5 More | Analog Devices |
| J22A | 22 Lead Ceramic Dual-in-Line Package | 1 | National Semiconductor |
| FAN4113 | 1.2V 36MHz Low Power Rail-to-Rail Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| TLUR440 | Universal LED in 3 mm Tinted Diffused Package | 1 2 3 4 5 | Vishay Siliconix |
| NE13700 | LOW NOISE KU-BAND GAAS MESFET | 1 2 3 4 5 | NEC |
| PT78ST100 | 1.5 Amp Positive Step-Down Integrated Switching Regulator | 1 2 3 4 | Texas Instruments |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|