|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SERAUEE - DIGITAST Microminiature SPDT, Key Switches - ITT Industries |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K6B1.53N | Miniature Key Switches | 1 2 3 | ITT Industries |
| MAX4561 | ±15kV ESD-Protected Low-Voltage SPDT/SPST CMOS Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
| ADG918 | Wideband 43dB Isolation 1GHz CMOS 1.65 V to 2.75V 2:1 Mux/SPDT Switches | 1 2 3 4 | Analog Devices |
| MAX4729 | Low-Voltage 3.5ohm SPDT CMOS Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX4624 | 1⦠Low-Voltage Single-Supply SPDT Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX4635 | Fast Low-Voltage Dual 4⦠SPDT CMOS Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
| 8600 | Microminiature Pushbutton Switches | 1 2 3 | ITT Industries |
| MAX4686 | 2.5ohm Low-Voltage SPST/SPDT Analog Switches in UCSP Package | 1 2 3 4 5 More | Maxim Integrated Products |
| ADG1334 | Quad SPDT +-15 V/+12 V Switches | 1 2 3 4 5 More | Analog Devices |
| ADG619 | CMOS +-5 V/ +5V 4 OHM SINGLE SPDT SWITCHES | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 |
Link URL |
|
|