|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MDL-16166 - 12 CHARACTERS X 2 LINES CHARACTER SIZE : 3.15W X 5.50H mm (5 X 7 DOTS), 3.15W X 6.30H mm (5 X 8 DOTS) - Varitronix international limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| COG16265S | 12 CHARACTERS X 2 LINES CHARACTER SIZE : 2.95W X 4.50H mm 5 X 7 DOTS 2.95W X 5.15H mm 5 X 8 DOTS | 1 | Varitronix international limited |
| COG12264I2C | 12 CHARACTERS X 2 LINES CHARACTER SIZE : 2.20W X 3.10H mm 5 X 7 DOTS 2.20W X 3.55H mm 5 X 8 DOTS | 1 | Varitronix international limited |
| HDM20416H-S | 20 Character x 4 Lines Small Size | 1 | Hantronix,Inc |
| HDM16216H-I | 16 Character x 2 Lines Small Size | 1 | Hantronix,Inc |
| HDM16216H-S | 16 Character x 2 Lines Very Small Size | 1 | Hantronix,Inc |
| HDM20416L-S | 20 Character x 4 Lines Small Size LED Backlight | 1 | Hantronix,Inc |
| HDM20416L-T | 20 Character x 4 Lines LED Backlight Small Size | 1 | Hantronix,Inc |
| HDM16216L-S | 16 Character x 2 Lines Very Small Size LED Backlight | 1 | Hantronix,Inc |
| HDM16216L-T | 16 Character x 2 Lines Very Thin LED Backlight | 1 | Hantronix,Inc |
| HDM40416L-4 | 40 Character x 4 Lines LED Backlight | 1 | Hantronix,Inc |
Datasheet Page |
1 |
Link URL |
|
|