Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-4038-025 Datasheet (PDF) - Sanyo Semicon Device

DL-4038-025 Datasheet PDF - Sanyo Semicon Device
Part # DL-4038-025
Download  DL-4038-025 Download

File Size   68.85 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High Power AlGaInP Laser Diode

DL-4038-025 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-4038-025 Datasheet PDF - Sanyo Semicon Device

Part # DL-4038-025
Download  DL-4038-025 Click to download

File Size   68.85 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High Power AlGaInP Laser Diode

DL-4038-025 Datasheet (HTML) - Sanyo Semicon Device

DL-4038-025 Datasheet HTML 1Page - Sanyo Semicon Device DL-4038-025 Datasheet HTML 2Page - Sanyo Semicon Device DL-4038-025 Datasheet HTML 3Page - Sanyo Semicon Device

DL-4038-025 Product details

Overview
DL-4038-025 is a high power 635 nm (Typ.) AlGalnP laser diode.The lasing wavelength is the same as He-Ne gas lasers. DL-4038-025 is suitable for applications such as laser printers, line markers and other optical information systems.

Features
• Short wavelength : 635 nm (Typ.)
• High output power : 20mW CW
• Low threshold current : Ith = 45 mA (Typ.)
• Low operating voltage : Vop = 2.3 V (Typ.)




Similar Part No. - DL-4038-025

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-4038-021 SANYO-DL-4038-021 Datasheet
78Kb / 3P
   High Power AlGalnP Laser Diode
More results


Similar Description - DL-4038-025

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6314MG HITACHI-HL6314MG Datasheet
31Kb / 6P
   AlGaInP Laser Diode
HL6714G HITACHI-HL6714G Datasheet
154Kb / 7P
   AlGaInP Laser Diode
logo
Opnext. Inc.
HL6714G OPNEXT-HL6714G Datasheet
93Kb / 4P
   AlGaInP Laser Diode
HL6724MG OPNEXT-HL6724MG Datasheet
92Kb / 4P
   AlGaInP Laser Diode
logo
Hitachi Semiconductor
HL6323MG HITACHI-HL6323MG Datasheet
36Kb / 8P
   AlGaInP Laser Diode
HL6320G HITACHI-HL6320G Datasheet
28Kb / 6P
   AlGaInP Laser Diodes
logo
Opnext. Inc.
HL6319G OPNEXT-HL6319G Datasheet
94Kb / 4P
   AlGaInP Laser Diodes
HL6556MG OPNEXT-HL6556MG Datasheet
80Kb / 3P
   AlGaInP Laser Diodes
HL6312G OPNEXT-HL6312G Datasheet
93Kb / 4P
    AlGaInP Laser Diodes
HL6321G OPNEXT-HL6321G Datasheet
95Kb / 4P
   AlGaInP Laser Diodes
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com