|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
D10040240GTH - GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC - PREMIER DEVICES, INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MASWSS0117 | GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz | 1 2 3 | Tyco Electronics |
| MASWSS0029 | GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz | 1 2 3 | Tyco Electronics |
| 2STF2220 | High Gain Low Voltage PNP Power Transistor | 1 2 3 4 5 More | STMicroelectronics |
| 2STX2220 | High Gain Low Voltage PNP Power Transistor | 1 2 3 4 5 More | STMicroelectronics |
| P1935 | Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz | 1 2 3 4 5 | PREMIER DEVICES, INC. |
| IXBH10N170 | High Voltage High Gain BIMOSFET Monolithic Bipolar MOS Transistor | 1 2 3 4 5 | IXYS Corporation |
| PI1748DG-41H | HIGH POWER DROP-IN ISOLATOR | 1 | PREMIER DEVICES, INC. |
| HVP050P5000 | High Voltage Power Supply - 250W Series | 1 2 | Voltage Multipliers Inc. |
| DN68 | ZXSC310 High power torch reference design | 1 2 | Zetex Semiconductors |
| TPD4113K | Intelligent Power Device High Voltage Monolithic Silicon Power IC | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|