|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PBSS8110X - 100 V, 1 A NPN low VCEsat (BISS) transistor - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PBSS8110Z | 100 V 1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS8110T | 100 V 1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS8110Y | 100 V 1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS8110D | 100 V 1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS8110S | 100 V 1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS2540M | 40 V 0.5 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS4130T | 30 V 1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS4330X | 30 V 3 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS4250X | 50 V 2 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS4540X | 40 V 5 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|