|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAAPGM0046-DIE - 400mW Ku-Band Power Amplifier (15.5-18.0 GHz) - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAAP-000042-PKG003 | Amplifier Power 1W X/Ku-Band 12-16 GHz | 1 2 3 4 5 More | Tyco Electronics |
| MAAPGM0034 | 0.5W X/Ku-Band Power Amplifier 8.0-12.0 GHz | 1 2 3 4 5 More | Tyco Electronics |
| MAAPGM0029 | 3.6-6.5 GHz 1W Power Amplifier | 1 2 3 4 5 | Tyco Electronics |
| SZA-6044 | 5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| MAAPSM0008 | 1-Watt Power Amplifier 5 - 6 GHz | 1 2 3 4 5 More | Tyco Electronics |
| HMC415LP3 | GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC459 | GaAs PHEMT MMIC POWER AMPLIFIER DC - 18.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC457QS16G | InGaP HBT 1 WATT POWER AMPLIFIER 1.7 - 2.2 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| TGA6316 | 6 - 17 GHz Dual-Channel Power Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| AWL9224 | 2.4 GHz 802.11b/g WLAN Power Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|