|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF720A - Advanced Power MOSFET (400V, 1.8ohm, 3.3A) - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF720 | 3.3A 400V 1.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF710A | Advanced Power MOSFET 400V 3.6ohm 2A | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRFP340 | 11A 400V 0.550 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| SSS7N60A | ADVANCED POWER MOSFET | 1 2 3 4 5 More | Samsung semiconductor |
| IRFP140A | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRFWI520A | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRLRU130A | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRLWI630A | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| SFP2955 | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| SFRU2955 | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|